PART |
Description |
Maker |
1300910028 |
Woodhead Standard Duty Reel, 16/3 SJTOW Cord, 15.24m
|
Molex Electronics Ltd.
|
1300910013 |
Woodhead Standard Duty Reel with Flying Leads, 16/3 SJTOW Cord, 15.24m
|
Molex Electronics Ltd.
|
1300910056 |
Woodhead Standard Duty Reel, 14/3 SJTOW Cord, 13.72m (45.0) Cord Length with
|
Molex Electronics Ltd.
|
1300910018 |
Woodhead Standard Cord Reel, 16/3 SJTOW Cord, 15.24m
|
Molex Electronics Ltd.
|
1300910057 |
Woodhead Standard Cord Reel, 14/3 SJTOW Cord, 13.72m (45.0) Cord Length with
|
Molex Electronics Ltd.
|
ML9479E |
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 160 Outputs LCD Driver
|
List of Unclassifed Manufac...
|
M39029-56 M39029-56-348 M39029-56-351 M39029-56-35 |
Standard Duty Electrical Socket Contact
|
Glenair, Inc.
|
850-002-22-360-15 |
Standard Duty Electrical Pin and Socket Contacts
|
Glenair, Inc.
|
RN5RK1A RN5RK301A RN5RK301A-TL RN5RK301A-TR RN5RK3 |
VFM step-up DC/DC converter. Output voltage 3.2V. Internal Lx Tr. driver. Duty cycle 77%. Standard taping type TR VFM step-up DC/DC converter. Output voltage 3.1V. EXternal Tr. driver. Duty cycle 77%. Standard taping type TR VFM step-up DC/DC converter. Output voltage 3.1V. Internal Lx Tr. driver. Duty cycle 55%. Standard taping type TR VFM step-up DC/DC converter. Output voltage 3.1V. Internal Lx Tr. driver. Duty cycle 77%. Standard taping type TR VFM step-up DC/DC converter. Output voltage 3.3V. EXternal Tr. driver. Duty cycle 77%. Standard taping type TR VFM Set-up DC/DC Converter SOT-23-5 VFM STEP-UP DC/DC CONVERTER VFM step-up DC/DC converter. Output voltage 3.3V. EXternal Tr. driver. Duty cycle 77%. Taping type TL VFM step-up DC/DC converter. Output voltage 3.1V. Internal Lx Tr. driver. Duty cycle 77%. Taping type TL VFM step-up DC/DC converter. Output voltage 3.1V. Internal Lx Tr. driver. Duty cycle 55%. Taping type TL VFM step-up DC/DC converter. Output voltage 3.1V. EXternal Tr. driver. Duty cycle 77%. Taping type TL VFM step-up DC/DC converter. Output voltage 3.2V. Internal Lx Tr. driver. Duty cycle 77%. Taping type TL
|
RICOH[RICOH electronics devices division]
|
1300940295 |
Standard Duty Support Grip, Double Eye, Split Lace, Single Weave, Cable Diameter
|
Molex Electronics Ltd.
|
AS7C331MFT36A-10TQC AS7C331MFT32A-85TQC AS7C331MFT |
From old datasheet system LM4040 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3; Qty per Container: 1000; Container: Reel 1M X 36 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 1M x 32/36 Flow-through synchronous SRAM 1M X 36 STANDARD SRAM, 10 ns, PQFP100 3.3V 1M x 32/36 Flow-through synchronous SRAM 1M X 36 STANDARD SRAM, 7.5 ns, PQFP100 LM4040 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3; Qty per Container: 1000; Container: Reel 1M X 36 STANDARD SRAM, 8.5 ns, PQFP100 LM4040 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3; Qty per Container: 1000; Container: Reel 1M X 32 STANDARD SRAM, 7.5 ns, PQFP100 LM4040 Precision Micropower Shunt Voltage Reference; Package: TO-92; No of Pins: 3; Qty per Container: 1800; Container: Box 1M X 32 STANDARD SRAM, 10 ns, PQFP100 DIODE, ZENER, 33V 5% 1W DIODE ZENER SINGLE 1000mW 22Vz 11.5mA-Izt 0.05 5uA-Ir 16.7Vr DO41-GLASS 5K/AMMO LM4040 Precision Micropower Shunt Voltage Reference; ; Container: Tray
|
ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
PSR54-9P PSA55-9R PSA55-7I PSR53-7R PSR53-9P PSR53 |
60V Single N-Channel Hi-Rel MOSFET in a TO-204AE package; A IRF054 with Standard Packaging Analog IC Fully optimized solution for high current synchronous buck multiphase applications in a LGA power block.; Similar to the iP2003A in Tape and Reel packaging. 500V Single N-Channel Hi-Rel MOSFET in a TO-259AA package; A IRFI460 with Standard Packaging 400V Single N-Channel Hi-Rel MOSFET in a TO-257AA package; A IRFY340CM with Standard Packaging Synchronous Buck Multiphase Optimized BGA Power Block.; Tape and Reel version of the iP2002 -100V Single P-Channel Hi-Rel MOSFET in a 18-pin LCC package; A IRFE9110 with Standard Packaging Synchronous Buck Multiphase Optimized BGA Power Block.; A IP2002 with Standard Packaging -100V Single P-Channel Hi-Rel MOSFET in a TO-205AF package; A JANTXV2N6845 with Standard Packaging 模拟IC Dual Output Full Function 2 Phase Synchronous Buck Power Block, Integrated Power Semiconductors, PWM Controller and Passives.; A IP1202 with Standard Packaging 模拟IC
|
TE Connectivity, Ltd.
|